| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN1798 Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1798 Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 16 page ![]() STR71x ADC conversion speed-up AN1798 14/16 Figure 10. Speed-Up software implementation Start Any DA[n]=1? Yes Configure all ADC inputs to High impedance Analog inputs Configure the prescaler Configure ADC in Round Robin mode Start the conversion No Get the conversion result GPIO_Config (GPIO1, 0x1, GPIO_HI_AIN_TRI); GPIO_Config (GPIO1, 0x2, GPIO_HI_AIN_TRI); GPIO_Config (GPIO1, 0x4, GPIO_HI_AIN_TRI); GPIO_Config (GPIO1, 0x8, GPIO_HI_AIN_TRI); Initialize the converter ADC12_Init(); ADC12_PrescalerConfig(1000); ADC12_ModeConfig (ADC12_ROUND); ADC12_ConversionStart(); while ((!ADC12_FlagStatus(ADC12_DA0))&& (!ADC12_FlagStatus(ADC12_DA1))&& (!ADC12_FlagStatus(ADC12_DA2))&& (!ADC12_FlagStatus(ADC12_DA3))); switch(EOC_Flags & 0x000F) { case 1: Conv_Res = ADC12_ConversionValue(ADC12_CHANNEL0); case 2: case 4: case 8: } break; Conv_Res = ADC12_ConversionValue(ADC12_CHANNEL1); break; Conv_Res = ADC12_ConversionValue(ADC12_CHANNEL2); break; break; Conv_Res = ADC12_ConversionValue(ADC12_CHANNEL3); while(1) { } /* End while(1) */ EOC_Flags = ADC12->CSR ; do { } |