Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2902 Datasheet(PDF) 10 Page - Linear Technology

No. de pieza LTC2902
Descripción Electrónicos  Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2902 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2902_15 Datasheet HTML 6Page - Linear Technology LTC2902_15 Datasheet HTML 7Page - Linear Technology LTC2902_15 Datasheet HTML 8Page - Linear Technology LTC2902_15 Datasheet HTML 9Page - Linear Technology LTC2902_15 Datasheet HTML 10Page - Linear Technology LTC2902_15 Datasheet HTML 11Page - Linear Technology LTC2902_15 Datasheet HTML 12Page - Linear Technology LTC2902_15 Datasheet HTML 13Page - Linear Technology LTC2902_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC2902
2902f
APPLICATIO S I FOR ATIO
Power-Up
On power-up, the larger of V1 or V2 will power the drive
circuits for the RST and the COMPX pins. This ensures
that the RST and COMPX outputs will be low as soon as
V1 or V2 reaches 1V. The RST and COMPX outputs will
remain low until the part is programmed. After program-
ming, if any one of the VX inputs is below its programmed
threshold, RST will be a logic low. Once all the VX inputs
rise above their thresholds, an internal timer is started
and RST is released after the programmed delay time. If
VCC < (V3 – 1) and VCC < 2.4V, the V3 input impedance
will be low (1k
Ω typ).
Monitor Programming
The LTC2902 input voltage combination is selected by
placing the recommended resistor divider from VREF to
GND and connecting the tap point to VPG, as shown in
Figure 4. Table 1 offers recommended 1% resistor values
for the various modes. The last column in Table 1 speci-
fies optimum VPG/VREF ratios (±0.01) to be used when
programming with a ratiometric DAC.
During power-up, once V1 or V2 reaches 2.4V (max), the
monitor enters a programming period of approximately
150
µs during which the voltage on the VPG pin is sampled
and the monitor is configured to the desired input combi-
nation. Do not add capacitance to the VPG pin. Immediately
after programming, the comparators are enabled and
supply monitoring will begin.
Supply Monitoring
The LTC2902 is a low power, high accuracy program-
mable quad supply monitoring circuit with four nondelayed
monitor outputs, a common reset output and selectable
supply thresholds. Reset timing is adjustable using an
external capacitor. Single pin programming selects 1 of 16
input voltage monitor combinations. Two digital inputs
select one of four supply tolerances (5%, 7.5%, 10% or
12.5%). All four voltage inputs must be above predeter-
mined thresholds for the reset not to be invoked. The
LTC2902 will assert the reset and comparator outputs
during power-up, power-down and brownout conditions
on any one of the voltage inputs.
Table 1. Voltage Threshold Programming
VPG
MODE
V1 (V) V2 (V) V3 (V) V4 (V) R1 (k
Ω) R2 (kΩ)VREF
0
5.0
3.3
ADJ
ADJ
Open
Short
0.000
1
5.0
3.3
ADJ
–ADJ
93.1
9.53
0.094
2
3.3
2.5
ADJ
ADJ
86.6
16.2
0.156
3
3.3
2.5
ADJ
–ADJ
78.7
22.1
0.219
4
3.3
2.5
1.5
ADJ
71.5
28.0
0.281
5
5.0
3.3
2.5
ADJ
66.5
34.8
0.344
6
5.0
3.3
2.5
1.8
59.0
40.2
0.406
7
5.0
3.3
2.5
1.5
53.6
47.5
0.469
8
5.0
3.0
2.5
ADJ
47.5
53.6
0.531
9
5.0
3.0
ADJ
ADJ
40.2
59.0
0.594
10
3.3
2.5
1.8
1.5
34.8
66.5
0.656
11
3.3
2.5
1.8
ADJ
28.0
71.5
0.719
12
3.3
2.5
1.8
–ADJ
22.1
78.7
0.781
13
5.0
3.3
1.8
–ADJ
16.2
86.6
0.844
14
5.0
3.3
1.8
ADJ
9.53
93.1
0.906
15
5.0
3.0
1.8
ADJ
Short
Open
1.000
Figure 4. Monitor Programming
12
11
10
R1
1%
R2
1%
2902 F04
VREF
VPG
GND
LTC2902
The inverting inputs on the V3 and/or V4 comparators are
set to 0.5V when the positive adjustable modes are selected
and with T0 and T1 low (5% tolerance) (Figure 5). The tap
point on an external resistive divider, connected between
the positive voltage being sensed and ground, is connected
to the high impedance noninverting inputs (V3, V4). The
trip voltage is calculated from:
VV
R
R
TRIP =+


05
1
3
4
.
Once the resistor divider is set in the 5% tolerance mode,
there is no need to change the divider for the other
tolerance modes (7.5%, 10%, 12.5%) because the inter-
nal reference is scaled accordingly, moving the trip point
in – 2.5% increments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com