Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN1603 Datasheet(PDF) 20 Page - STMicroelectronics

No. de pieza AN1603
Descripción Electrónicos  This Application Note describes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1603 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN1603 Datasheet HTML 13Page - STMicroelectronics AN1603 Datasheet HTML 14Page - STMicroelectronics AN1603 Datasheet HTML 15Page - STMicroelectronics AN1603 Datasheet HTML 16Page - STMicroelectronics AN1603 Datasheet HTML 17Page - STMicroelectronics AN1603 Datasheet HTML 18Page - STMicroelectronics AN1603 Datasheet HTML 19Page - STMicroelectronics AN1603 Datasheet HTML 20Page - STMicroelectronics AN1603 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
20/21
USING THE ST7 USB DEVICE FIRMWARE UPGRADE DEVELOPMENT KIT (DFU-DK)
5.2 DFU DEMONSTRATOR GUI
The graphical user interface in this package is provided as a demonstrator and accesses the
lower layers of the DFU software( ST7DFUPRT.dll and ST7DFU.Dll) to get information related
to the USB device, to initiate DFU operations (Upgrade with or without Upload) and also to dis-
play errors, warnings, debug messages and progress .
A simple GUI is provided to demonstrate the DFU utility. Its main features are the following:
– Select one available USB device and display its properties (ex: Vid, Pid, rev),
– Choose to Upgrade the device and to store its present firmware version,
– Select from the PC browser the new firmware image and the file to be stored,
– Integrate a DFU file generator,
– Start button to start operations,
– Abort button to cancel a programming or read operation.
– Progress tool bar,
– Display all debugging messages (Error messages etc.),
– GUI exit, GUI help.
Note: The DFU demonstrator GUI is written in C++, using MFC in Microsoft Visual C++ 6.0. All
source code, including a project file is included with the DFU-DK package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21