| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN910 Datasheet(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN910 Datasheet(HTML) 40 Page - STMicroelectronics |
|
40 / 51 page ![]() 40/51 ST7 AND ST9 PERFORMANCE BENCHMARKING 7.4 INSTRUCTION CYCLE TIME CHART The following chart (Figure 6.) presents complete and average Instruction Cycle Time (ICT) ranges for the different MCUs. The complete range goes from the minimum to the maximum complete ICT. The average ICT range goes from the minimum to the maximum average ICT. For explanation on calculation, see <Italic>7.2.2 Average ICT/CPI and IL<Italic end>. 7.5 INSTRUCTION LENGTH CHART The following chart (Figure 7.) presents complete and average Instruction Length (IL) ranges for the different MCUs. The complete range goes from the minimum to the maximum complete IL. The average ICT range goes from the minimum to the maximum average IL. For explanation on calculation, see <Italic>7.2.2 Average ICT/CPI and IL<Italic end>. |