| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN886 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN886 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() AN886/0903 1/9 Rev. 1.0 AN886 APPLICATION NOTE SELECTING BETWEEN ROM, FASTROM AND OTP FOR A MICROCONTROLLER by Microcontroller Division Applications INTRODUCTION A customer who develops an MCU-based application needs various levels of flexibility in order to perform code modifications at different times in the life cycle of the product (these levels are explained on the next page). To satisfy these requirements, STMicroelectronics supports sev- eral device types within two main groups of microcontroller product families: – EPROM, OTP, FASTROM and ROM microcontroller families – Flash, FASTROM and ROM microcontroller families This Application Note discusses the first group of families. For information on the second group, refer to Application Note AN1068. 1 |
Número de pieza similar - AN886 |
|
Descripción similar - AN886 |