Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN4213 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza AN4213
Descripción Electrónicos  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4213 Datasheet HTML 1Page - STMicroelectronics AN4213 Datasheet HTML 2Page - STMicroelectronics AN4213 Datasheet HTML 3Page - STMicroelectronics AN4213 Datasheet HTML 4Page - STMicroelectronics AN4213 Datasheet HTML 5Page - STMicroelectronics AN4213 Datasheet HTML 6Page - STMicroelectronics AN4213 Datasheet HTML 7Page - STMicroelectronics AN4213 Datasheet HTML 8Page - STMicroelectronics AN4213 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
DocID023984 Rev 2
5/42
AN4213
System description
1
System description
Figure 2. Block diagram
The electronic ballast consists of two sections: a power factor correction pre-regulator
(PFC), using the L6562A, and the lamp ballast stage with the L6569.
The power factor correction section is based on the L6562A. This is a current-mode PFC
controller operating in transition mode (TM). It is especially designed for electronic lamp
ballast applications (to better understand the L6562A characteristics, refer to AN2761).
The lamp ballast stage is based on the L6569 which is a high-voltage half-bridge driver with
a built-in oscillator. The load consists of an L-C series resonant circuit with the lamps
connected across the capacitors. This topology allows operating in zero-voltage switching,
to reduce the transistor switching losses and the electromagnetic interference generated by
the output wiring of the lamp.
AM17316v1
AC
Cin
Co
PFC
Converter
DC/AC
400Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42