| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN2689 Datasheet(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2689 Datasheet(HTML) 18 Page - STMicroelectronics |
|
18 / 42 page ![]() Data line protection AN2689 18/42 Doc ID 14310 Rev 3 Figure 21. ESD ISO 10605 equivalent circuit Considering the generator circuit sown in Figure 21, which respects the ESD surge standard, the following equations apply: And Hence the equation Vc(t) can also be expressed as: where is a coefficient and Y 0 a constant. Thus: For the initial conditions the limit of VC when t tends to 0 is given by: This reduces to Then and thus To determine the current, it is necessary to evaluate the voltage equation which is: High voltage supply R (M Ω) 2 k Ω 330 pf Vc Ic Rd Rs Vbr t Vc t Ic + - = ) ( ) ( dt t CdVc t Ic ) ( ) ( - = Rd Rs Vbr Rd Rs t Vc dt t -CdVc + - + = ) ( ) ( () 0 exp ) (Y t Vc Rd Rs C t + = + - λ dt t dVc = ) ( () ()+ + - + - 0 exp 1 Rd Rs C t Rd Rs C λ () () ⎥ ⎥ ⎦ ⎤ ⎢ ⎢ ⎣ ⎡ + + - - = + - + - 0 exp 1 0 Rd Rs C t Rd Rs C C Rd Rs Vbr Vc λ Rd Rs Rd Rs Vbr Vc + = + - λ 0 () Vbr Vc - = 0 λ () Vbr Y Vbr Vc Vc Y= ⇒ - - = 0 0 0 0 () () Vbr Vbr Vc t Vc Rd Rs C t + - = + - 0 exp ) ( |