Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN4545 Datasheet(PDF) 21 Page - STMicroelectronics

No. de pieza AN4545
Descripción Electrónicos  VL6180X basic ranging application note
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4545 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4545 Datasheet HTML 17Page - STMicroelectronics AN4545 Datasheet HTML 18Page - STMicroelectronics AN4545 Datasheet HTML 19Page - STMicroelectronics AN4545 Datasheet HTML 20Page - STMicroelectronics AN4545 Datasheet HTML 21Page - STMicroelectronics AN4545 Datasheet HTML 22Page - STMicroelectronics AN4545 Datasheet HTML 23Page - STMicroelectronics AN4545 Datasheet HTML 24Page - STMicroelectronics AN4545 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
DocID026571 Rev 1
21/27
AN4545
Example code
27
///////////////////////////////////////////////////////////////////
int VL6180X_Init() {
char reset;
reset = ReadByte(0x016);
if (
reset==1){
// check to see has it be Initialised already
///////////////////////////////////////////////////////////////////
// Added latest settings here - see Section 8
///////////////////////////////////////////////////////////////////
WriteByte(0x016, 0x00); //change fresh out of set status to 0
}
return
0;
}
///////////////////////////////////////////////////////////////////
// Start a range measurement in single shot mode
///////////////////////////////////////////////////////////////////
int VL6180X_Start_Range() {
WriteByte(0x018,0x01);
return
0;
}
///////////////////////////////////////////////////////////////////
// poll for new sample ready ready
///////////////////////////////////////////////////////////////////
int VL6180X_Poll_Range() {
char status;
char range_status;
// check the status
status = ReadByte(0x04f);
range_status = status & 0x07;
// wait for new measurement ready status
while (
range_status !=
0x04) {
status = ReadByte(0x04f);
range_status = status & 0x07;
wait_ms(1); // (can be removed)
}
return
0;
}
///////////////////////////////////////////////////////////////////
// Read range result (mm)
///////////////////////////////////////////////////////////////////
int VL6180X_Read_Range() {



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27