Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN4503 Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza AN4503
Descripción Electrónicos  This application note provides guidelines for successfully integrating
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4503 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4503 Datasheet HTML 9Page - STMicroelectronics AN4503 Datasheet HTML 10Page - STMicroelectronics AN4503 Datasheet HTML 11Page - STMicroelectronics AN4503 Datasheet HTML 12Page - STMicroelectronics AN4503 Datasheet HTML 13Page - STMicroelectronics AN4503 Datasheet HTML 14Page - STMicroelectronics AN4503 Datasheet HTML 15Page - STMicroelectronics AN4503 Datasheet HTML 16Page - STMicroelectronics AN4503 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DocID026411 Rev 2
13/26
AN4503
Linux kernel space
26
3.1.2
I²C_board_info structure patch
static struct i2c_board_info __inidata panda_i2c_memsensors[] = {
{
I2C_BOARD_INFO("lps25h", 0x5d),
.platform_data = & lps25h_platform,
},
{
I2C_BOARD_INFO("hts221", 0x5f),
.platform_data = & hts221_platform,
},
{
I2C_BOARD_INFO("uvis25", 0x47),
.platform_data = & uvis25_platform,
}
}
3.1.3
As an example of platform_data
static struct hts221_platform_data hts221_platform = {
.poll_interval = 1000,
.min_interval = 100,
}
A structure with the same name is also in the hts221.h file for compiling the module driver of
the corresponding device, included in [KR]/include/linux/input.
3.1.4
After rebuilding the kernel
Copy the new built zImage in the proper [RAS]/device/ti/panda/ folder as 'kernel' and then
rebuild the boot.img.
 [KR]$ cp -a arch/arm/boot/zImage $ANDROID_ROOT/device/ti/panda/kernel
 [RAS]$ make bootimage
3.2
Driver description
The device drivers are the first interface with the hardware; they communicate directly with
the sensor via the i2c bus. There are two files for each driver: the .c and the .h files.
3.2.1
How to build and install the device drivers
To build the proper device drivers, the .c files must be placed in the <KR>/drivers/misc
folder, while the corresponding .h files must be put in <KR>/include/lilnux/input.
If the drives are compiled as separate modules, the following example demonstrates the
lines to be added to the Makefile under <KR>/drivers/misc:
 obj-m = hts221.o
 obj-m + = lps25.o
 obj-m + = uv.ko



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26