Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAAPSS0081 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

No. de pieza MAAPSS0081
Descripción Electrónicos  ISM Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAPSS0081 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAPSS0081_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAPSS0081_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAPSS0081_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAPSS0081_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAPSS0081_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAPSS0081_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ISM Power Amplifier
2.4 - 2.5 GHz
Rev. V1
MAAPSS0081
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: F = 2.45 GHz, PIN = 1 dBm, VCC = 2.4 V, TA = 25 °C, Z0 = 50 Ω
Absolute Maximum Ratings 4,5
Parameter
Absolute Maximum
Input Power
+ 5 dBm
Operating Supply Voltage
+4.0 Volts
Operating Control Voltage
+3.0 Volts
Operating Temperature
-20 °C to +85 °C
Channel Temperature
+150 °C
Storage Temperature
-40 °C to +150 °C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
Logic Table 6
VEN
VM
State
0
0
OFF
0
1
OFF
1
0
LPM
1
1
HPM
6. 1 = +2.0 V to 2.5 V, 0 = 0 V to 0.5 V.
Operating the MAAPSS0081
The MAAPSS0081 is sensitive to electrostatic
discharge (ESD).
Use proper ESD control
techniques when handling this device. To operate
the MAAPSS0081, follow these steps. Ramp down
or shut down in reverse order.
A. Apply VCC (2.4 V).
B. Apply VM (0 or 2.5 V).
C. Apply PIN (-2 to 2 dBm).
D. Ramp VEN from 0 to 2.5 V.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Input Return Loss
VM = 0 V
VM = 2.5 V
dB
dB
10
20
POUT, High Power Mode (HPM)
VM = 2.5 V, VCC = 3.0 V
VCC = 2.4 V
VCC = 2.0 V
dBm
dBm
dBm
23
25
24
23
POUT vs. Temperature, HPM
TA = 0 °C to 50 °C, VCC = 2.4 V
dB
0.8
Current, HPM
VM = 2.5 V, VCC = 2.4 V
mA
300
400
POUT, Low Power Mode (LPM)
VM = 0 V, VCC = 2.4 V
dBm
13
16
Current, LPM
VM = 0 V, VCC = 2.4 V
mA
110
200
Current, Shutdown
VCC = 2.4 V, VEN = 0 V
µA
1
Mode Current
VM = 2.5 V, VCC = 2.4 V
mA
0.5
Harmonics
VM = 2.5 V, VCC = 2.4 V
2fo
3fo
dBc
dBc
-37
-37
Forward Isolation
VEN = 0 V
dB
36
Stability
+1.5 V < VCC < +3.5 V, POUT = HPM & LPM, VSWR < 6:1
-20°C < TA < +70ºC, RBW = 3 MHz max. hold
Turn on/off time
ton: RF burst to (Avg Power – 1 dB)
toff: (Avg Power – 1 dB) to RF off
µS
µS
5
5
All spurs < -60 dBc
Enable Current
VM = 2.5 V, VCC = 2.4 V, VEN = 2.5 V
mA
2.0
4.0
Power Gain
dB
23



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com