Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD17P236M3GT Datasheet(PDF) 7 Page - NEC

No. de pieza UPD17P236M3GT
Descripción Electrónicos  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD17P236M3GT Datasheet(HTML) 7 Page - NEC

Back Button UPD17P236M3GT Datasheet HTML 3Page - NEC UPD17P236M3GT Datasheet HTML 4Page - NEC UPD17P236M3GT Datasheet HTML 5Page - NEC UPD17P236M3GT Datasheet HTML 6Page - NEC UPD17P236M3GT Datasheet HTML 7Page - NEC UPD17P236M3GT Datasheet HTML 8Page - NEC UPD17P236M3GT Datasheet HTML 9Page - NEC UPD17P236M3GT Datasheet HTML 10Page - NEC UPD17P236M3GT Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
µPD17P236
7
Data Sheet U14776EJ1V0DS00
CONTENTS
1.
DIFFERENCES BETWEEN
µPD17236 AND µPD17P236 ...........................................................
8
2.
PIN FUNCTIONS ...........................................................................................................................
9
2.1
Normal Operation Mode ....................................................................................................................
9
2.2
PROM Programming Mode ...............................................................................................................
10
2.3
Input/Output Circuits .........................................................................................................................
11
2.4
Processing of Unused Pins ..............................................................................................................
12
2.5
Notes on Using the RESET and INT Pins ........................................................................................12
3.
WRITING AND VERIFYING ONE-TIME PROM (PROGRAM MEMORY) ....................................
13
3.1
Operating Mode When Writing/Verifying Program Memory ..........................................................
13
3.2
Program Memory Writing Procedure ...............................................................................................
14
3.3
Program Memory Reading Procedure .............................................................................................15
4.
ELECTRICAL SPECIFICATIONS .................................................................................................
16
5.
PACKAGE DRAWING ..................................................................................................................
23
6.
RECOMMENDED SOLDERING CONDITIONS ............................................................................
25
APPENDIX. DEVELOPMENT TOOLS ................................................................................................
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32