Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN3308 Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza AN3308
Descripción Electrónicos  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 4Page - STMicroelectronics AN3308 Datasheet HTML 5Page - STMicroelectronics AN3308 Datasheet HTML 6Page - STMicroelectronics AN3308 Datasheet HTML 7Page - STMicroelectronics AN3308 Datasheet HTML 8Page - STMicroelectronics AN3308 Datasheet HTML 9Page - STMicroelectronics AN3308 Datasheet HTML 10Page - STMicroelectronics AN3308 Datasheet HTML 11Page - STMicroelectronics AN3308 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
OUT_Z_L
2Ch
ZD7
ZD6
ZD5
ZD4
ZD3
ZD2
ZD1
ZD0
OUT_Z_H
2Dh
ZD15
ZD14
ZD13
ZD12
ZD11
ZD10
ZD9
ZD8
FIFO_CTRL_REG
2E
FM1
FM0
TR
FTH4
FTH3
FTH2
FTH1
FTH0
FIFO_SRC_REG
2F
WTM
OVRN_FIFO
-
FSS4
FSS3
FSS2
FSS1
FSS0
INT1_CFG
30h
AOI
6D
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
INT1_SRC
31h
-
IA
ZH
ZL
YH
YL
XH
XL
INT1_THS
32h
0
THS6
THS5
THS4
THS3
THS2
THS1
THS0
INT1_DURATION
33h
0
D6
D5
D4
D3
D2
D1
D0
CLICK_CFG
38h
-
ZD
ZS
YD
YS
XD
XS
CLICK_SRC
39h
-
IA
DCLICK
SCLICK
Sign
Z
y
x
CLICK_THS
3Ah
-
Ths6
Ths5
Ths4
Ths3
Ths2
Ths1
Ths0
TIME_LIMIT
3Bh
-
TLI6
TLI5
TLI4
TLI3
TLI2
TLI1
TLI0
TIME_LATENCY
3Ch
TLA7
TLA6
TLA5
TLA4
TLA3
TLA2
TLA1
TLA0
TIME_WINDOW
3Dh
TW7
TW6
TW5
TW4
TW3
TW2
TW1
TW0
ACT_THS
3Eh
-
ATHS6
ATHS5
ATHS4
ATHS3
ATHS2
ATHS1
ATHS0
INACT_DUR
3Fh
ADUR7
ADUR6
ADUR5
ADUR4
ADUR3
ADUR2
ADUR1
ADUR0
Table 1.
Registers table (continued)
Register name
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com