Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN2983 Datasheet(PDF) 23 Page - STMicroelectronics

No. de pieza AN2983
Descripción Electrónicos  Constant current inverse buck LED driver using L6562A
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2983 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2983 Datasheet HTML 19Page - STMicroelectronics AN2983 Datasheet HTML 20Page - STMicroelectronics AN2983 Datasheet HTML 21Page - STMicroelectronics AN2983 Datasheet HTML 22Page - STMicroelectronics AN2983 Datasheet HTML 23Page - STMicroelectronics AN2983 Datasheet HTML 24Page - STMicroelectronics AN2983 Datasheet HTML 25Page - STMicroelectronics AN2983 Datasheet HTML 26Page - STMicroelectronics AN2983 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AN2983
Circuit description
Doc ID 15679 Rev 1
23/32
resistor, Q3 turns off allowing C5 to charge through R6, and the voltage of the INV pin rises
again. When it reaches 0.45 V the disable condition is removed and the controller restarts.
If the short-circuit condition is removed, the circuit restores its normal functionality. If the
short-circuit condition persists, the hiccup cycle is repeated.
Figure 23.
Short-circuit application
Figure 24.
Short-circuit removal
Figure 25.
Short-circuit detection
Figure 26.
Load current decay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32