Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN2982 Datasheet(PDF) 28 Page - STMicroelectronics

No. de pieza AN2982
Descripción Electrónicos  This application note describes the STEVAL-ILB005V2 demonstration board equipped with the L6585DE lighting controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2982 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2982 Datasheet HTML 23Page - STMicroelectronics AN2982 Datasheet HTML 24Page - STMicroelectronics AN2982 Datasheet HTML 25Page - STMicroelectronics AN2982 Datasheet HTML 26Page - STMicroelectronics AN2982 Datasheet HTML 27Page - STMicroelectronics AN2982 Datasheet HTML 28Page - STMicroelectronics AN2982 Datasheet HTML 29Page - STMicroelectronics AN2982 Datasheet HTML 30Page - STMicroelectronics AN2982 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Demonstration board schematic and bill of material
AN2982
28/31
Doc ID 15599 Rev 1
limiting that maintains the frequency constant is not suitable to counter this effect. Actually
the application should be stopped as soon as the saturation effect is detected.
Figure 22.
Ballast anti-choke saturation protection
Asymmetrical ageing of the lamp is detected by the EOL pin. Figure 23 and 24 illustrate the
behavior of this protection. In the upper trace the lamp voltage and Tch voltage are shown.
When the lamp starts ageing, the lamp voltage increases in one direction. The EOL voltage
(lower trace) moves together with the blocking capacitor voltage. Once the difference
between the CTR voltage and the EOL voltage is higher than 240 mV, a Tch cycle is started
and the application is stopped if this situation persists.
Figure 23.
EOL protection (positive deviation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31