Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN2813 Datasheet(PDF) 21 Page - STMicroelectronics

No. de pieza AN2813
Descripción Electrónicos  TDE1708DFT in IO-Link applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2813 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2813 Datasheet HTML 17Page - STMicroelectronics AN2813 Datasheet HTML 18Page - STMicroelectronics AN2813 Datasheet HTML 19Page - STMicroelectronics AN2813 Datasheet HTML 20Page - STMicroelectronics AN2813 Datasheet HTML 21Page - STMicroelectronics AN2813 Datasheet HTML 22Page - STMicroelectronics AN2813 Datasheet HTML 23Page - STMicroelectronics AN2813 Datasheet HTML 24Page - STMicroelectronics AN2813 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AN2813
Alternative driving
Doc ID 14923 Rev 1
21/25
Figure 21.
Alternative driving timings
1.
Delay propagation turn-on time (see Figure 22 and Figure 23).
2.
Propagation turn-off time (see Figure 24 and Figure 25).
3.
State 1: DELAY releases the output.
4.
State 3: IN goes low and turns off the switch.
5.
State 4: IN goes high, the output is blocked by the DELAY signal (the monostable circuit time meanwhile runs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25