| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN2559 Datasheet(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2559 Datasheet(HTML) 21 Page - STMicroelectronics |
|
21 / 35 page ![]() AN2559 Bill of materials 21/35 68 R2 36 k Ω / 1% SMD 0603 69 R3 200 k Ω/ 1% SMD 0603 70 R4 10 k Ω / 1% SMD 0603 71 R5 4.7 k Ω SMD 0603 72 R6 18 k Ω / 1% SMD 0603 73 R7 240 k Ω / 1% SMD 0603 74 R8 10 k Ω / 1% SMD 0603 75 R9 3.3 Ω SMD 0805 76 R10 1.8 k Ω SMD 0603 77 R11 560 Ω SMD 0603 78 R110 4.7 k Ω / 1% SMD 0603 79 R19 1 k Ω SMD 0603 80 R20 680 Ω SMD 0603 81 R21 0 Ω SMD 0603 82 R22 0 Ω SMD 0603 83 R23 0 Ω SMD 0603 84 R24 0 Ω SMD 0603 85 R25 10 Ω SMD 0603 86 R26 10 Ω SMD 0603 87 R27 62 k Ω SMD 0603 88 R28 10 k Ω SMD 0603 89 R29 51 k Ω SMD 0603 90 R31 10 k Ω SMD 0603 91 R32 10 k Ω SMD 0603 92 R34 10 k Ω SMD 0603 93 R35 51 k Ω SMD 0603 94 R36 51 k Ω SMD 0603 95 R37 47 Ω SMD 0603 96 R38 3.3 k Ω SMD 0603 97 R39 3.3 k Ω SMD 0603 98 R40 100 k Ω SMD 0603 99 R41 51 k Ω SMD 0603 100 R42 51 k Ω SMD 0603 101 R101 1 k Ω / 1% SMD 0603 102 R102 2 k Ω / 1% SMD 0603 Table 7. Bill of materials (continued) Item Part Description Type Size Manufacturer Part number |