Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD17704GC Datasheet(PDF) 85 Page - NEC

No. de pieza UPD17704GC
Descripción Electrónicos  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD17704GC Datasheet(HTML) 85 Page - NEC

Back Button UPD17704GC Datasheet HTML 81Page - NEC UPD17704GC Datasheet HTML 82Page - NEC UPD17704GC Datasheet HTML 83Page - NEC UPD17704GC Datasheet HTML 84Page - NEC UPD17704GC Datasheet HTML 85Page - NEC UPD17704GC Datasheet HTML 86Page - NEC UPD17704GC Datasheet HTML 87Page - NEC UPD17704GC Datasheet HTML 88Page - NEC UPD17704GC Datasheet HTML 89Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 356 page
background image
85
µPD17704, 17705, 17707, 17708, 17709
9. DATA BUFFER (DBF)
9.1 Outline of Data Buffer
Figure 9-1 outlines the data buffer.
The data buffer is located on the data memory and has the following two functions.
•
Reads constant data on the program memory (table reference)
•
Transfers data with the peripheral hardware units
Figure 9-1. Outline of Data Buffr
Data buffer
Data write (PUT)
Data read (GET)
Table reference
(MOVT)
Peripheral hardware
Constant data
Program memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More