Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN4541 Datasheet(PDF) 16 Page - STMicroelectronics

No. de pieza AN4541
Descripción Electrónicos  high-speed SD card protection and filtering devices
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4541 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4541 Datasheet HTML 12Page - STMicroelectronics AN4541 Datasheet HTML 13Page - STMicroelectronics AN4541 Datasheet HTML 14Page - STMicroelectronics AN4541 Datasheet HTML 15Page - STMicroelectronics AN4541 Datasheet HTML 16Page - STMicroelectronics AN4541 Datasheet HTML 17Page - STMicroelectronics AN4541 Datasheet HTML 18Page - STMicroelectronics AN4541 Datasheet HTML 19Page - STMicroelectronics AN4541 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Rejection capability
AN4541
16/21
DocID026513 Rev 1
5
Rejection capability
The data and clock frequency used in this link can cause high frequency noise and
corresponding harmonics to radiate and disturb other subsystems, especially in the RX part
of the phone. This can induce antenna desense which can cause calls to drop or high BER.
EMIF06-MSD04F3 introduces attenuation in the RX frequency range higher than -12 dB,
limiting these risks. A rejection simulation schematic for a typical layout is shown in
Figure 24 and the filter frequency response is given in Figure 25.
Figure 24. Rejection simulation schematic
Figure 25. Filter attenuation versus frequency
Crosstalk between two adjacent lines may also be an issue. This parameter is also
specified, and Figure 26 demonstrates that the noise generated, for example, by the clock
on a data line is negligible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21