| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UM1620 Datasheet(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1620 Datasheet(HTML) 22 Page - STMicroelectronics |
|
22 / 41 page ![]() API specification UM1620 22/41 DocID024388 Rev 3 The table below lists the Suspend Flag values returned against the Suspend State and the Flash block status. The values of EHV, ERS, ESUS, PGM, PSUS and PEAS represent the C90FL status at the entry of FlashSuspend; 0: Logic zero; 1: Logic one; X: Do-not-care . Assumptions It assumes that the Flash block is initialized using a ‘FlashInit()’ API. 2.6.8 FlashResume() Description This function checks if there is any suspended erase or program operation on the C90FL module, and resumes the suspended operation if there is any. SHADOW_ERS_SUS 6 The erase operation on shadow row is in suspended state. Read is valid on both main array space and shadow space. ERS_SUS_PGM_SUS 7 The erase-suspended program operation is in suspended state. Only read is valid on both main array space and shadow row. Table 27. Suspending state and flag vs. C90FL status suspendState EHV ERS ESUS PGM PSUS PEAS suspendFlag NO_OPERATION X 0 X 0 X X FALSE PGM_WRITE 0 0 X 1 0 X FALSE ERS_WRITE 0 1 0 0 X X FALSE ESUS_PGM_WRITE 0 1 1 1 0 X FALSE PGM_SUS 1 0 X 1 0 X TRUE X0 X 1 1 X FALSE ERS_SUS 1 1 0 0 X 0 TRUE X1 1 0 X 0 FALSE SHADOW_ERS_SUS 1 1 0 0 X 1 TRUE X1 1 0 X 1 FALSE ERS_SUS_PGM_SUS 1 1 1 1 0 X TRUE X1 1 1 1 X FALSE Table 26. suspendState definitions (continued) Argument Code Description Valid operation after suspend |