Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OS21 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza OS21
Descripción Electrónicos  The API defined in the OS21 User manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OS21 Datasheet(HTML) 5 Page - STMicroelectronics

  OS21 Datasheet HTML 1Page - STMicroelectronics OS21 Datasheet HTML 2Page - STMicroelectronics OS21 Datasheet HTML 3Page - STMicroelectronics OS21 Datasheet HTML 4Page - STMicroelectronics OS21 Datasheet HTML 5Page - STMicroelectronics OS21 Datasheet HTML 6Page - STMicroelectronics OS21 Datasheet HTML 7Page - STMicroelectronics OS21 Datasheet HTML 8Page - STMicroelectronics OS21 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
OS21, ARM
Preface
8083358
3/14
Preface
Document identification and control
Each book carries a unique ADCS identifier of the form:
ADCS nnnnnnnx
where nnnnnnn is the document number, and x is the revision.
Whenever making comments on a document, the complete identification ADCS nnnnnnnx
should be quoted.
Conventions used in this guide
General notation
The notation in this document uses the following conventions:
●
sample code
, keyboard input and file names,
●
variables and code variables,
●
code comments
,
●
screens, windows and dialog boxes,
●
instructions.
Hardware notation
The following conventions are used for hardware notation:
●
REGISTER NAMES and FIELD NAMES,
●
PIN NAMES and SIGNAL NAMES.
Software notation
Syntax definitions are presented in a modified Backus-Naur Form (BNF). Briefly:
1.
Terminal strings of the language, that is, strings not built up by rules of the language are
printed in teletype font. For example, void.
2.
Nonterminal strings of the language, that is, strings built up by rules of the language are
printed in italic teletype font. For example, name.
3.
If a nonterminal string of the language starts with a nonitalicized part, it is equivalent to
the same nonterminal string without that nonitalicized part. For example, vspace-
name
.
4.
Each phrase definition is built up using a double colon and an equals sign to separate
the two sides (‘::=’).
5.
Alternatives are separated by vertical bars (‘|’).
6.
Optional sequences are enclosed in square brackets (‘[’ and ‘]’).
7.
Items which may be repeated appear in braces (‘{’ and ‘}’).
Acknowledgements
ARM is a registered trademark of ARM Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16