| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L99SD01 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99SD01 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 2 page ![]() www.st.com key APPLICATIONS • CompressedNaturalGas(CNG) electronicinjectionsystems key FeATureS • PowerMOS,protections,diagnosticand I2Cinterfacecircuitsinasingledevice • Closed-loopcurrentcontrolof solenoidcurrent • Programmableinjectorcurrentprofile (timingandcurrentamplitude) key beNeFITS • Improvedsystemreliabilityand enhanceddiagnostics • IntrinsiccompensationofCNG injectionoverageingeffects,battery voltage,temperaturedriftsandinjector productionspreads • Highersystemefficiency • Easiercompliancywithmorestringent CO 2emissionsstandards L99SD01 Integrated solenoid driver for CNG electronic injection systems The L99SD01 represents the state of the art in CNG electronic injection systems. Thanks to its high level of integration, all the circuits needed to reliably and accurately drive the injector coil are integrated into the same device. The embedded closed-loop current regulator gives a high level of precision in CNG injection previously not reachable, resulting in an augmented reliability and a much easier compliancy with stringent CO 2 emissions standards such as Euro 6. Automotive-qualified device for accurate and efficient control of Compressed Natural Gas (CNG) injection systems |
Número de pieza similar - L99SD01 |
|
Descripción similar - L99SD01 |