Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN4569 Datasheet(PDF) 27 Page - STMicroelectronics

No. de pieza AN4569
Descripción Electrónicos  The purpose of the document is to show different possibilities
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4569 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4569 Datasheet HTML 21Page - STMicroelectronics AN4569 Datasheet HTML 22Page - STMicroelectronics AN4569 Datasheet HTML 23Page - STMicroelectronics AN4569 Datasheet HTML 24Page - STMicroelectronics AN4569 Datasheet HTML 25Page - STMicroelectronics AN4569 Datasheet HTML 26Page - STMicroelectronics AN4569 Datasheet HTML 27Page - STMicroelectronics AN4569 Datasheet HTML 28Page - STMicroelectronics AN4569 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
DocID026803 Rev 1
27/29
AN4569
Conclusion
29
5
Conclusion
For 2.1-channel applications, the better choice in terms of audio quality is to use two
different ICs (one in stereo BTL mode and the other one configured in mono BTL).
If two ICs are selected, the mono BTL device must use an additional capacitor between the
GND_REG pin and GND plane.
If two ICs are selected, it is possible configure the output filter as filter-lite. Using a 2.1-
channel configuration with only one IC, all PWM outputs are configured in binary modulation
and for this reason it is not possible to use a filter-lite solution.
If it is mandatory to use all SMD components in the whole application (for example in TV
applications due to thickness constraints), the only possibility is to use two ICs because for
Left and Right channels it is mandatory to use two electrolytic capacitors for the channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29