Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3169 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 3169
Descripción Electrónicos  70 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3169 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3169 Datasheet HTML 1Page - KR Electronics, Inc. 3169 Datasheet HTML 2Page - KR Electronics, Inc. 3169 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2014, KR Electronics, Inc.
3169, Rev 0, October 25, 2014
KR Electronics, Inc.
KR Electronics part number 3169 is a group delay equalized 70
MHz bandpass filter. The filter has a min 3 dB bandwidth of 60
MHz. Other center frequencies and bandwidths are available.
Please consult the factory.
General Description
KR Electronics, Inc.
Features
 70 MHz Bandpass Filter
 60 MHz min 3 dB Bandwidth
 Group Delay Equalized for Linear
Phase
 Highly Selective Elliptic Type Filter
 50  Source and Load
 Surface Mount
 SMA Connectors Available
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 3169

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
3169 ETC2-3169 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3169 ETC2-3169 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3169 HEYCO-3169 Datasheet
120Kb / 1P
Nylon Locknuts
logo
Adafruit Industries
3169 ADAFRUIT-3169 Datasheet
140Kb / 2P
Silicone Cover Stranded-Core Wire - 50ft 30AWG White
logo
Keystone Electronics Co...
3169 KEYSTONE-3169 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results

Descripción similar - 3169

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TriQuint Semiconductor
854656 TRIQUINT-854656 Datasheet
41Kb / 1P
70 MHz Bandpass Filter
854747-1 TRIQUINT-854747-1 Datasheet
34Kb / 1P
70 MHz Bandpass Filter
logo
KR Electronics, Inc.
2810 KR-2810 Datasheet
49Kb / 2P
70 MHz bandpass filter
2818 KR-2818 Datasheet
50Kb / 2P
70 MHz bandpass filter
2818-1 KR-2818-1 Datasheet
371Kb / 2P
70 MHz bandpass filter
3041 KR-3041 Datasheet
58Kb / 3P
70 MHz Bandpass Filter
3135-70-20 KR-3135-70-20 Datasheet
69Kb / 3P
70 MHz Bandpass Filter
3135-70-30 KR-3135-70-30 Datasheet
103Kb / 3P
70 MHz Bandpass Filter
3157-1 KR-3157-1 Datasheet
74Kb / 3P
70 MHz Bandpass Filter
3157-SMD KR-3157-SMD Datasheet
69Kb / 3P
70 MHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com