Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3149 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 3149
Descripción Electrónicos  1 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3149 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3149 Datasheet HTML 1Page - KR Electronics, Inc. 3149 Datasheet HTML 2Page - KR Electronics, Inc. 3149 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2014, KR Electronics, Inc.
3149, Rev 0, May 1, 2014
KR Electronics, Inc.
KR Electronics part number 3149 is a 1 MHz bandpass
filter. The filter has a 3 dB bandwidth of 30 KHz. Other
frequencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 1 MHz Bandpass Filter
 30 KHz 3 dB Bandwidth
 94 KHz 40 dB Bandwidth
 SMA Connectors
 50  Source and Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 3149

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
3149 ETC2-3149 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3149 ETC2-3149 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3149 HEYCO-3149 Datasheet
126Kb / 1P
Metric Ergonomic Plugs
logo
Carclo Technical Plasti...
3149 COIL-3149 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
Adafruit Industries
3149 ADAFRUIT-3149 Datasheet
125Kb / 2P
Adafruit 0.8" 8x16 LED Matrix FeatherWing Display Kit - White
More results

Descripción similar - 3149

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
TriQuint Semiconductor
855104 TRIQUINT-855104_15 Datasheet
42Kb / 1P
499.25 MHz Bandpass Filter 1 MHz Bandwidth
logo
KR Electronics, Inc.
3128 KR-3128 Datasheet
75Kb / 3P
1 MHz Bandpass Filter
3219-SMA KR-3219-SMA Datasheet
60Kb / 3P
1 MHz Bandpass Filter
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com