Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN3350 Datasheet(PDF) 58 Page - STMicroelectronics

No. de pieza AN3350
Descripción Electrónicos  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 54Page - STMicroelectronics AN3350 Datasheet HTML 55Page - STMicroelectronics AN3350 Datasheet HTML 56Page - STMicroelectronics AN3350 Datasheet HTML 57Page - STMicroelectronics AN3350 Datasheet HTML 58Page - STMicroelectronics AN3350 Datasheet HTML 59Page - STMicroelectronics AN3350 Datasheet HTML 60Page - STMicroelectronics AN3350 Datasheet HTML 61Page - STMicroelectronics AN3350 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 185 page
background image
Working with the assembler
AN3350
58/185
Doc ID 018512 Rev 2
Processor options
-E
Expand all macros and other preprocessor directives and
operations to stdout — the -o switch can be used to save
results to a file
-D sym=val
Set the value of symbol sym to val as if defined by a source
code directive (#define sym val).
Note: The assembler processes macro-related switches
from left to right on the command line.
-U sym
Clear the value of symbol sym as as if undefined by a source
code directive (#undef sym)
Note: The assembler processes macro-related switches
from left to right on the command line.
-d sym=val
Set the value of assembly symbol sym to val as if defined
using the .equ directive (.equ sym val)
Note: The assembler processes macro-related switches
from left to right on the command line.
-dg sym=val
Set the value of assembly symbol sym to val as if defined
using the .equ directive (.equ sym val), and declare it a
global symbol
Note: The assembler processes macro-related switches
from left to right on the command line.
-I path
Append path to the user path
(see Section : User and system paths)
-IS path
Append path to the system path
(see Section : User and system paths)
-i filepath
Include file filepath in the code before processing any
following argument input files
-is filepath
Include the system file filepath in the code before processing
any following argument input files
-M filepath
Emit Makefile rules for all input files to the file filepath
(Each rule makes its target dependant on all included source
files.)
-MM filepath
Emit Makefile rules for all input files to the file filepath,
omitting any system files
(Each rule makes its target dependant on all included source
files.)
-[no]sys
Treat ‘#include <...>’ as system files
Error handling
options
-err filepath
Redirect error messages to filepath rather than to standard
error
-Wall
Print extra (more strict) error messages
-Werror
Treat warnings as errors
-Wnone
Cause warnings not to be issued
Optimising options -sched
Schedule Instructions
Table 4.
Assembler command-line switches (continued)
Options
Switch
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More