Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN2299 Datasheet(PDF) 21 Page - STMicroelectronics

No. de pieza AN2299
Descripción Electrónicos  Fast digital calibration procedure
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2299 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2299 Datasheet HTML 17Page - STMicroelectronics AN2299 Datasheet HTML 18Page - STMicroelectronics AN2299 Datasheet HTML 19Page - STMicroelectronics AN2299 Datasheet HTML 20Page - STMicroelectronics AN2299 Datasheet HTML 21Page - STMicroelectronics AN2299 Datasheet HTML 22Page - STMicroelectronics AN2299 Datasheet HTML 23Page - STMicroelectronics AN2299 Datasheet HTML 24Page - STMicroelectronics AN2299 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AN2299
RC calibration
Rev2
21/26
5
RC calibration
The purpose of RC oscillator calibration is to bring the working frequency into the band of
interest (4.0 < F < 4.2MHz) in order to properly set some absolute definitions of time in the
device. The calibration can be obtained either by changing the value of current settling
resistor which should be connected between pin CLKIN and Vss or by programming of one
or two OTP bits (CRC). The first possibility allows a precise calibration to a certain value
while the second one allows only coarse calibration in few steps. In general, it is not so
important to have a precise frequency of a certain value as long it stays stable under
temperature variation or aging. On the other hand, the value of this frequency directly
influences the power constant of the meter. For example, if Rogowski coil is used, the
constant C changes twice as much as frequency F (dC/C = 2dF/F) but, if CT or shunt is
used, the constant C changes as frequency F (dC/C = dF/F).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26