Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3146 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 3146
Descripción Electrónicos  26 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3146 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3146 Datasheet HTML 1Page - KR Electronics, Inc. 3146 Datasheet HTML 2Page - KR Electronics, Inc. 3146 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2014, KR Electronics, Inc.
3146, Rev 0, April 2, 2014
KR Electronics, Inc.
KR Electronics part number 3146 is a 26 MHz bandpass filter.
The filter has a 3 dB bandwidth of 1.5 MHz. Other center fre-
quencies and bandwidths are available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
 26 MHz Bandpass Filter
 1.5 MHz 3 dB Bandwidth
 3.95 MHz 40 dB Bandwidth
 High Stopband Rejection
 50  Source and Load
 SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 3146

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
3146 ETC2-3146 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3146 ETC2-3146 Datasheet
68Kb / 1P
WASHERS
logo
Carclo Technical Plasti...
3146 COIL-3146 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
Adafruit Industries
3146 ADAFRUIT-3146 Datasheet
119Kb / 2P
Large Single Row Housing Pack for DIY Jumper Cables
5-5-17
logo
Keystone Electronics Co...
3146 KEYSTONE-3146 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results

Descripción similar - 3146

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0070CF51851T ICST-SF0070CF51851T Datasheet
133Kb / 2P
70 MHz SAW Bandpass Filter 26 MHz bandwidth
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
2820-26 KR-2820-26 Datasheet
372Kb / 2P
26 MHz surface mount bandpass filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0070CF51851T APITECH-SF0070CF51851T Datasheet
118Kb / 2P
70 MHz SAW Bandpass Filter 26 MHz bandwidth
logo
KR Electronics, Inc.
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com