Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3103 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 3103
Descripción Electrónicos  375 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3103 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3103 Datasheet HTML 1Page - KR Electronics, Inc. 3103 Datasheet HTML 2Page - KR Electronics, Inc. 3103 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2013, KR Electronics, Inc.
3103, Rev 0, May 27, 2013
KR Electronics, Inc.
KR Electronics part number 3103 is a 375 MHz bandpass filter.
The filter has a 450 MHz min 3 dB bandwidth. Other center fre-
quencies and bandwidths are available. Please consult the facto-
ry.
General Description
KR Electronics, Inc.
Features
 375 MHz Bandpass Filter
 450 MHz min 3 dB Bandwidth
 40 dB min Rejection to 1500 MHz
 50  Source and Load
 Surface Mount
 Also available with SMA connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 3103

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
3103 ETC2-3103 Datasheet
92Kb / 2P
WASHERS AND NUTS
3103 ETC2-3103 Datasheet
221Kb / 2P
2-Axis Analog Thumb Joystick
logo
3M Electronics
3103 3M-3103 Datasheet
29Kb / 3P
3M™ Mining Cable Splice Kits,
Aug-2009
logo
Heyco.
3103 HEYCO-3103 Datasheet
135Kb / 1P
Large Dome Plugs
logo
TE Connectivity Ltd
3103 TEC-3103 Datasheet
1Mb / 16P
Passive Components
August 2007
More results

Descripción similar - 3103

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
3209 KR-3209 Datasheet
126Kb / 3P
375 MHz Bandpass
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3301-25 KR-3301-25 Datasheet
107Kb / 3P
375 MHz Bandpass Filter
3301-50 KR-3301-50 Datasheet
106Kb / 3P
375 MHz Bandpass Filter
3301-100 KR-3301-100 Datasheet
104Kb / 3P
375 MHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com