Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3093 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 3093
Descripción Electrónicos  350 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3093 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3093 Datasheet HTML 1Page - KR Electronics, Inc. 3093 Datasheet HTML 2Page - KR Electronics, Inc. 3093 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2013, KR Electronics, Inc.
3093, Rev 0, February 12, 2013
KR Electronics, Inc.
KR Electronics part number 3093 is a 350 MHz bandpass filter.
The filter has a 1 dB bandwidth of 100 MHz minimum and 50 dB
bandwidth of 200 MHz maximum. Other center frequencies and
bandwidths are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 350 MHz Bandpass Filter
 1 dB Bandwidth 100 MHz min
 50 dB Bandwidth 200 MHz max
 50  Source and Load
 Surface mount
 Also available with SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 3093

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Heyco.
3093 HEYCO-3093 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Abbatron All Rights Res...
3093 ABBATRON-3093 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Sealevel Systems, Inc.
3093 SEALEVEL-3093 Datasheet
724Kb / 2P
ISA 16 Reed Relay Output / 16 Isolated Input Digital Interface
logo
Festo Corporation.
30931 FESTO-30931 Datasheet
67Kb / 1P
Connecting cable
30932 FESTO-30932 Datasheet
67Kb / 1P
Connecting cable
More results

Descripción similar - 3093

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RF Monolithics, Inc
SF1090A RFM-SF1090A Datasheet
171Kb / 6P
350 MHz SAW Filter
logo
TriQuint Semiconductor
855377 TRIQUINT-855377 Datasheet
522Kb / 5P
350 MHz SAW Filter
855398 TRIQUINT-855398 Datasheet
41Kb / 1P
350 MHZ Bandpass Filter
856270 TRIQUINT-856270 Datasheet
584Kb / 5P
350 MHz SAW Filter
856271 TRIQUINT-856271 Datasheet
589Kb / 5P
350 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1059A MURATA-SF1059A Datasheet
373Kb / 11P
350 MHz SAW Filter
logo
TriQuint Semiconductor
854565 TRIQUINT-854565_15 Datasheet
458Kb / 6P
350 MHz SAW Filter
logo
KR Electronics, Inc.
3117 KR-3117 Datasheet
58Kb / 3P
350 KHz Bandpass Filter
3259-350 KR-3259-350 Datasheet
71Kb / 3P
350 MHz Bandpass Filter
3288-SMA KR-3288-SMA Datasheet
98Kb / 3P
350 MHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com