Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3075 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 3075
Descripción Electrónicos  Equalizer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3075 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3075 Datasheet HTML 1Page - KR Electronics, Inc. 3075 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2012, KR Electronics, Inc.
3075, Equalizer, Rev 0, June 15, 2012
KR Electronics, Inc.
KR Electronics part number 3075 is a 50 to 90 MHz highpass
equalizer. The equalizer has a 5 dB rolloff. Other bandwidths
and slopes are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 Equalizer
 Good for Cable Equalization
 5 dB Rolloff
 Other Slopes Available
 BNC Connectors
 75  Source and Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(1 dB/div)


Número de pieza similar - 3075

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha Wire
3075 ALPHAWIRE-3075 Datasheet
70Kb / 3P
Customer Specification
logo
Heyco.
3075 HEYCO-3075 Datasheet
117Kb / 1P
Pry Out Plugs
logo
APM Hexseal Corporation...
3075 APM-3075 Datasheet
2Mb / 21P
Hermetic Environmental Sealing Boots for Switches & Potentiometers
2009
logo
PHOENIX CONTACT
3075003 PHOENIX-3075003 Datasheet
69Kb / 4P
Bolt connection terminal block - RWO 5-POT-TC/S
3075016 PHOENIX-3075016 Datasheet
69Kb / 4P
Panel feed-through terminal block - RWO 8-POT-TC
More results

Descripción similar - 3075

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LV3100M SANYO-LV3100M Datasheet
425Kb / 9P
Parametric Equalizer
logo
List of Unclassifed Man...
YSS231 ETC-YSS231 Datasheet
552Kb / 8P
GRAPHIC EQUALIZER
logo
Sony Corporation
CXA1298 SONY-CXA1298 Datasheet
293Kb / 13P
equalizer AMP
logo
List of Unclassifed Man...
LA3110 ETC-LA3110 Datasheet
178Kb / 4P
EQUALIZER AMP
EF2A51A ETC2-EF2A51A Datasheet
58Kb / 1P
Equalizer
logo
KR Electronics, Inc.
2981 KR-2981 Datasheet
60Kb / 2P
Equalizer
3069 KR-3069 Datasheet
60Kb / 2P
Equalizer
3141 KR-3141 Datasheet
53Kb / 2P
Equalizer
logo
Mini-Circuits
ZEQ-5-292-S MINI-ZEQ-5-292-S Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-8-222N MINI-ZEQ-8-222N Datasheet
1Mb / 3P
Slope Equalizer
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com