Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3059 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 3059
Descripción Electrónicos  140 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3059 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3059 Datasheet HTML 1Page - KR Electronics, Inc. 3059 Datasheet HTML 2Page - KR Electronics, Inc. 3059 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2011, KR Electronics, Inc.
3059, Rev 0, December 15, 2011
KR Electronics, Inc.
KR Electronics part number 3059 is a 140 MHz bandpass filter.
The filter has a typical 1 dB bandwidth of 19.5 MHz and a typi-
cal 50 dB bandwidth of 42 MHz. Other center frequencies and
bandwidths are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 140 MHz Bandpass Filter
 19.5 MHz typical 1 dB Bandwidth
 42 MHz typical 50 dB Bandwidth
 Sharp Elliptic Type Design
 50  Source and Load
 Surface mount
 Also available with SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 3059

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
3059 ALLEGRO-3059 Datasheet
84Kb / 8P
HALL-EFFECT GEAR-TOOTH SENSORS -AC COUPLED
logo
List of Unclassifed Man...
3059 ETC2-3059 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Bourns Electronic Solut...
3059 BOURNS-3059 Datasheet
116Kb / 1P
Trimpot Trimming Potentiometer
logo
Bertech.
3059 BERTECH-3059 Datasheet
170Kb / 1P
ESD Vinyl Mats and Mat Kits
logo
Heyco.
3059 HEYCO-3059 Datasheet
117Kb / 1P
Pry Out Plugs
More results

Descripción similar - 3059

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vanlong Technology Co.,...
BP62151 VANLONG-BP62151 Datasheet
47Kb / 1P
140 MHz Bandpass SAW Filter
logo
KR Electronics, Inc.
2771-SMA KR-2771-SMA Datasheet
77Kb / 3P
140 MHz Bandpass Filter
2980 KR-2980 Datasheet
48Kb / 3P
140 MHz Bandpass Filter
3042 KR-3042 Datasheet
53Kb / 3P
140 MHz Bandpass Filter
3071 KR-3071 Datasheet
59Kb / 3P
140 MHz Bandpass Filter
3132 KR-3132 Datasheet
74Kb / 3P
140 MHz Bandpass Filter
3135-140-10 KR-3135-140-10 Datasheet
108Kb / 3P
140 MHz Bandpass Filter
3135-140-20 KR-3135-140-20 Datasheet
103Kb / 3P
140 MHz Bandpass Filter
3135-140-30 KR-3135-140-30 Datasheet
107Kb / 3P
140 MHz Bandpass Filter
3135-140-40 KR-3135-140-40 Datasheet
103Kb / 3P
140 MHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com