Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3029 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 3029
Descripción Electrónicos  140 MHz Center Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3029 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3029 Datasheet HTML 1Page - KR Electronics, Inc. 3029 Datasheet HTML 2Page - KR Electronics, Inc. 3029 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2011, KR Electronics, Inc.
3029, 140 MHz Bandpass, Rev 0, June 27, 2011
KR Electronics, Inc.
KR Electronics part number 3029 is a 140 MHz elliptic type
bandpass filter. The filter has a minimum 3 dB bandwidth of
90 MHz. Other center frequencies and bandwidths available.
Please consult the factory.
General Description
KR Electronics, Inc.
Features
 140 MHz Center Frequency
 90 MHz min 3 dB Bandwidth
 Sharp Transition to Stopband
 50  Source and Load
 SMA Connectors
 Also Available in Surface Mount
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 3029

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Heyco.
3029 HEYCO-3029 Datasheet
238Kb / 1P
Zinc Die-Cast Box Connectors
logo
Abbatron All Rights Res...
3029 ABBATRON-3029 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
3029 KEYSTONE-3029 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
List of Unclassifed Man...
30290 ETC1-30290 Datasheet
845Kb / 2P
Super-Size AkroBin® Lids
2016
logo
PHOENIX CONTACT
3029017 PHOENIX-3029017 Datasheet
177Kb / 4P
PSBJ-URTK/SS GY - Test plug strip
More results

Descripción similar - 3029

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2905 KR-2905 Datasheet
72Kb / 3P
140 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
2879 KR-2879 Datasheet
37Kb / 2P
140 MHz Center Frequency
2838-30-SMA KR-2838-30-SMA Datasheet
49Kb / 2P
140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com