Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3015 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 3015
Descripción Electrónicos  770 MHz Bandpass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3015 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3015 Datasheet HTML 1Page - KR Electronics, Inc. 3015 Datasheet HTML 2Page - KR Electronics, Inc. 3015 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2011, KR Electronics, Inc.
3015, 770 MHz Bandpass, Rev 0, April 26, 2011
KR Electronics, Inc.
KR Electronics part number 3015 is a 770 MHz bandpass filter.
The filter has a minimum 3 dB bandwidth of 30 MHz. Other
center frequencies and are bandwidths available. Please consult
the factory.
General Description
KR Electronics, Inc.
Features
 770 MHz Bandpass
 3 dB Bandwidth 30 MHz min
 50  Source and Load
 Surface Mount
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 3015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
3015 ETC2-3015 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
logo
Abbatron All Rights Res...
3015 ABBATRON-3015 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
3015 ADAFRUIT-3015 Datasheet
166Kb / 2P
PiGRRL 2.0 Custom Gamepad PCB
logo
RAF ELECTRONIC HARDWARE
3015-B-256-B RAF-3015-B-256-B Datasheet
73Kb / 1P
5/32 ROUND SWAGE STANDOFFS
logo
JOKARI GmbH & Co. KG
30150 JOKARI-30150 Datasheet
395Kb / 6P
PRODUCT SPECIFICATION
17/02/2009
More results

Descripción similar - 3015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TriQuint Semiconductor
855942 TRIQUINT-855942 Datasheet
517Kb / 5P
770 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0716A TAI-SAW-TA0716A Datasheet
275Kb / 7P
SAW Filter 770 MHz SMD 3.0X3.0 mm
logo
TriQuint Semiconductor
855942-1 TRIQUINT-855942-1_15 Datasheet
369Kb / 5P
770 MHz SAW Filter
logo
KR Electronics, Inc.
2567-1 KR-2567-1 Datasheet
88Kb / 2P
10.7 MHz Bandpass
3002 KR-3002 Datasheet
48Kb / 3P
174 MHz Bandpass
3017 KR-3017 Datasheet
48Kb / 3P
455 MHz Bandpass
3030-140-10 KR-3030-140-10 Datasheet
58Kb / 3P
140 MHz Bandpass
3192-3 KR-3192-3 Datasheet
105Kb / 3P
2000 MHz Bandpass
3204 KR-3204 Datasheet
105Kb / 3P
1087.5 MHz Bandpass
3205-BNC KR-3205-BNC Datasheet
149Kb / 3P
770 KHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com