Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2993 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2993
Descripción Electrónicos  70 MHz Center Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2993 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2993 Datasheet HTML 1Page - KR Electronics, Inc. 2993 Datasheet HTML 2Page - KR Electronics, Inc. 2993 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2010, KR Electronics, Inc.
2993, Rev 0, August 11, 2010
CH1
S31
LOG
10 dB/
REF 0 dB
START
10 . 000
000
MHz
STOP
1 000 . 000
000
MHz
11 Aug 2010 17:34:54
KR Electronics
KR Electronics part number 2993 is a 70 MHz elliptic type
bandpass filter. The filter has a minimum 3 dB bandwidth of
36 MHz. Other center frequencies and bandwidths available.
Please consult the factory.
General Description
KR Electronics, Inc.
Features
 70 MHz Center Frequency
 36 MHz min 3 dB Bandwidth
 Sharp Transition to Stopband
 50  Source and Load
 SMA Connectors
 Also Available in Surface Mount
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 2993

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
2993 ALLEGRO-2993 Datasheet
116Kb / 8P
DUAL H-BRIDGE MOTOR DRIVERS
logo
Alpha Wire
2993 ALPHAWIRE-2993 Datasheet
97Kb / 3P
Customer Specification
2/21/2023
logo
Adafruit Industries
2993 ADAFRUIT-2993 Datasheet
129Kb / 3P
Tower Light - Red Yellow Green Alert Light with Buzzer - 12VDC
2/24/2016
logo
Keystone Electronics Co...
2993 KEYSTONE-2993 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
List of Unclassifed Man...
2993-6001 ETC2-2993-6001 Datasheet
578Kb / 3P
SMA IN SERIES ADAPTERS
More results

Descripción similar - 2993

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2925 KR-2925 Datasheet
101Kb / 3P
70 MHz Center Frequency
2924 KR-2924 Datasheet
102Kb / 3P
70 MHz Center Frequency
2871-SMA KR-2871-SMA Datasheet
49Kb / 2P
70 MHz Center Frequency
2866-SMA KR-2866-SMA Datasheet
37Kb / 2P
70 MHz Center Frequency
2657-N KR-2657-N Datasheet
40Kb / 2P
70 MHz Center Frequency
2972 KR-2972 Datasheet
53Kb / 3P
70 MHz Center Frequency
2997 KR-2997 Datasheet
75Kb / 3P
70 MHz Center Frequency
3011 KR-3011 Datasheet
62Kb / 3P
70 MHz Center Frequency
2924+ KR-2924+ Datasheet
102Kb / 3P
70 MHz Center Frequency
2925+ KR-2925+ Datasheet
101Kb / 3P
70 MHz Center Frequency
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com