Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN3410 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza AN3410
Descripción Electrónicos  This application note describes an LED driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3410 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3410 Datasheet HTML 6Page - STMicroelectronics AN3410 Datasheet HTML 7Page - STMicroelectronics AN3410 Datasheet HTML 8Page - STMicroelectronics AN3410 Datasheet HTML 9Page - STMicroelectronics AN3410 Datasheet HTML 10Page - STMicroelectronics AN3410 Datasheet HTML 11Page - STMicroelectronics AN3410 Datasheet HTML 12Page - STMicroelectronics AN3410 Datasheet HTML 13Page - STMicroelectronics AN3410 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Circuit description
AN3410
10/28
Doc ID 018890 Rev 1
Select 0.681
Ω.
Average input current will be slightly lower than expected - the input voltage and current are
assumed sinusoidal, and the average current will be 0.9 times the input rms current. So at
the design center of 115 V, average input current is
Equation 3
The bulk of this current flows in R22, so the average voltage on R22 is
Equation 4
R17 serves two functions - it is part of the linear approximation calculation, and part of a
low-pass filter that cleans up both the triangular FET drain current pulses and the 120 Hz
envelope. A value of 20 k
Ω has been selected somewhat arbitrarily.
At our nominal operating point, the average voltage developed on R17 due to line voltage
must be equal to the average voltage at its lower end from R22. The current required is
Equation 5
The L6564 Vff terminal connects internally to a precision peak detector. Its normal function,
which will not be used, is to reduce the loop gain at high line voltages. However, the peak
detector function gives us a buffered peak line voltage (minus LED voltage) reference.
If LED voltage is zero, the entire line voltage appears on divider R6-R15-R20. For nominal
line, the peak voltage at U1's MULT input is
Equation 6
To provide the 5.3 µA needed by the linear compensator,
Equation 7
We will use the nearest standard value, 649 k
Ω.
We will now examine the LED voltage compensation, to determine the values of R12, R18,
and R21.
If there is no LED voltage, there will be no reflected voltage from L1's auxiliary winding. (We
will assume the circuit runs anyway) Therefore, R12 contributes no current. Since there is
no output voltage there will be no output power, and since efficiency is assumed constant,
no input power. Therefore, there will be no voltage on R22, and the only voltage on C12 will
be the divided line peak voltage from C6. Divider R17-R14 will deliver 0.106 V to the non-
inverting input of U2.
If the loop is balanced, the op amp output will be at exactly 2.5 V (so that the COMP terminal
on U1 does not move). The op amp inputs will be at exactly the same voltage, 0.106 V.
0.156A * 0.681 Ohms = 0.106V
=3.61 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com