Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2980 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2980
Descripción Electrónicos  140 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2980 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2980 Datasheet HTML 1Page - KR Electronics, Inc. 2980 Datasheet HTML 2Page - KR Electronics, Inc. 2980 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2010, KR Electronics, Inc.
2980+, Rev 0, April 27, 2010
CH1
S31
LOG
10 dB/
REF 0 dB
CENTER
140 . 000
000
MHz
SPAN
250 . 000
000
MHz
Cor
15 May 2010 07:43:35
KR Electronics
KR Electronics part number 2980+ is a 140 MHz elliptic type
bandpass filter. The filter has a minimum 2 dB bandwidth of
75 MHz. Other center frequencies and bandwidths are avail-
able. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 140 MHz Bandpass Filter
 75 MHz minimum 2 dB bandwidth
 Elliptic Type Response
 Fast Transition to Stopband
 50  Source and Load
 Surface Mount
 Also available with SMA connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 2980

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
2980 ETC2-2980 Datasheet
102Kb / 1P
5 STAR-KNOB
logo
Adafruit Industries
2980 ADAFRUIT-2980 Datasheet
84Kb / 1P
Stranded-Core Wire Spool - 25ft - 22AWG - Blue
logo
List of Unclassifed Man...
2980-A ETC2-2980-A Datasheet
112Kb / 1P
5 STAR-KNOB
2980-B ETC2-2980-B Datasheet
104Kb / 1P
5 STAR-KNOB
2980-N ETC2-2980-N Datasheet
92Kb / 1P
5 STAR-KNOB
More results

Descripción similar - 2980

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vanlong Technology Co.,...
BP62151 VANLONG-BP62151 Datasheet
47Kb / 1P
140 MHz Bandpass SAW Filter
logo
KR Electronics, Inc.
2771-SMA KR-2771-SMA Datasheet
77Kb / 3P
140 MHz Bandpass Filter
3042 KR-3042 Datasheet
53Kb / 3P
140 MHz Bandpass Filter
3059 KR-3059 Datasheet
59Kb / 3P
140 MHz Bandpass Filter
3071 KR-3071 Datasheet
59Kb / 3P
140 MHz Bandpass Filter
3132 KR-3132 Datasheet
74Kb / 3P
140 MHz Bandpass Filter
3135-140-10 KR-3135-140-10 Datasheet
108Kb / 3P
140 MHz Bandpass Filter
3135-140-20 KR-3135-140-20 Datasheet
103Kb / 3P
140 MHz Bandpass Filter
3135-140-30 KR-3135-140-30 Datasheet
107Kb / 3P
140 MHz Bandpass Filter
3135-140-40 KR-3135-140-40 Datasheet
103Kb / 3P
140 MHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com