Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2968 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2968
Descripción Electrónicos  475 MHz Lowpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2968 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2968 Datasheet HTML 1Page - KR Electronics, Inc. 2968 Datasheet HTML 2Page - KR Electronics, Inc. 2968 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2010, KR Electronics, Inc.
2968+, Rev 0, April 7, 2010
CH1
S31
LOG
10 dB/
REF 0 dB
START
. 030
000
MHz
STOP
1 000 . 000
000
MHz
7 Apr 2010 18:49:03
KR Electronics
KR Electronics part number 2968+ is a 475 MHz lowpass filter.
The filter is group delay equalized and has sin(x)/x corrections.
Other bandwidths are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 475 MHz Lowpass Filter
 Group Delay Equalized
 Sin(x)/x Correction
 50  Source and Load
 Surface Mount
 Also available with SMA connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 2968

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2968 PHOENIX-2968 Datasheet
444Kb / 20P
Intrinsically safe inline temperature input terminal for hazardous locations
logo
Heyco.
2968 HEYCO-2968 Datasheet
139Kb / 1P
Nylon D-Subminiature Mounting Hole Plugs
logo
KR Electronics, Inc.
2968-SMA KR-2968-SMA Datasheet
64Kb / 3P
475 MHz Lowpass Filter
logo
PHOENIX CONTACT
2968001 PHOENIX-2968001 Datasheet
173Kb / 3P
PLC-RSP-230UC/21-21AU/RWF
2968111 PHOENIX-2968111 Datasheet
99Kb / 4P
UM 45-FLK50/ZFKDS/S7-300
More results

Descripción similar - 2968

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA0884A TAI-SAW-TA0884A Datasheet
312Kb / 4P
SAW Filter 475 MHz
TA1113A TAI-SAW-TA1113A Datasheet
422Kb / 6P
SAW Filter 475 MHz
logo
KR Electronics, Inc.
2403-S KR-2403-S Datasheet
42Kb / 3P
60 MHz Lowpass Filter
2968-SMA KR-2968-SMA Datasheet
64Kb / 3P
475 MHz Lowpass Filter
2978 KR-2978 Datasheet
95Kb / 3P
150 MHz Lowpass Filter
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
3018-2 KR-3018-2 Datasheet
52Kb / 3P
30 MHz Lowpass Filter
3202-2-BNC KR-3202-2-BNC Datasheet
57Kb / 3P
2 MHz Lowpass Filter
3253-201-LP-SMA KR-3253-201-LP-SMA Datasheet
82Kb / 3P
201 MHz Lowpass Filter
3271-BNC KR-3271-BNC Datasheet
50Kb / 3P
1 MHz Lowpass Filter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com