Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2963 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2963
Descripción Electrónicos  485 MHz Center Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2963 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2963 Datasheet HTML 1Page - KR Electronics, Inc. 2963 Datasheet HTML 2Page - KR Electronics, Inc. 2963 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2013, KR Electronics, Inc.
2963, 491 MHz Bandpass, Rev 0, December 5, 2013
KR Electronics, Inc.
KR Electronics part number 2963 is a 485 MHz bandpass filter.
The filter has a minimum 1 dB bandwidth of 40 MHz. Other
center frequencies and bandwidths available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
 485 MHz Center Frequency
 40 MHz minimum 1 dB Bandwidth
 200 MHz typical 40 dB Bandwidth
 50  Source and Load
 Surface Mount
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 2963

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
2963 ETC-2963 Datasheet
111Kb / 1P
Heyco짰 Double D Hole Plugs
logo
KR Electronics, Inc.
2963-SMA KR-2963-SMA Datasheet
77Kb / 3P
115 MHz Center Frequency
logo
PHOENIX CONTACT
2963019 PHOENIX-2963019 Datasheet
65Kb / 4P
Relay Module - EMG 10-REL/KSR-G 48/21-LC
2963268 PHOENIX-2963268 Datasheet
101Kb / 2P
Voltage indication module
2963307 PHOENIX-2963307 Datasheet
65Kb / 3P
Socket - SD-D/SP/LA
09/12/2020
More results

Descripción similar - 2963

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
42 MHz Center Frequency
2977 KR-2977 Datasheet
53Kb / 3P
485 MHz Center Frequency
2977-SMA KR-2977-SMA Datasheet
69Kb / 3P
485 MHz Center Frequency
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com