Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2928 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2928
Descripción Electrónicos  100 KHz Cuttoff Frquency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2928 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2928 Datasheet HTML 1Page - KR Electronics, Inc. 2928 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
2928, Rev 0, July 6, 2009
CH1
S31
LOG
10 dB/
REF 0 dB
START
. 010
000
MHz
STOP
10 . 000
000
MHz
Cor
6 Jul 2009 15:50:23
CH2
S31
LOG
1 dB/
REF 0 dB
Cor
CH4
S31
DEL
5 us/
REF 0 s
START
. 010
000
MHz
STOP
. 100
000
MHz
Cor
Smo
6 Jul 2009 15:48:49
2
4
KR Electronics, Inc.
KR Electronics part number 2928 is an elliptic type lowpass
filter. Other frequency are available.
General Description
KR Electronics, Inc.
Features
 100 KHz Cuttoff Frquency
 Flat passband response
 Elliptic Type Response
 50 Source & Load
Typical Performance
www.krfilters.com
Passband Response
(1 dB/div & 5 usec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 2928

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2928-1 KR-2928-1 Datasheet
46Kb / 2P
100 KHz Cuttoff Frquency
logo
Bahco
2928-1 BAHCO-2928-1 Datasheet
88Kb / 1P
Spare tips, 2928-1 - 4
2928-160 BAHCO-2928-160 Datasheet
130Kb / 1P
Resettab le pliers fo r bo th internal and external circlips
2928-160 BAHCO-2928-160 Datasheet
88Kb / 1P
Spare tips, 2928-1 - 4
2928-160 BAHCO-2928-160 Datasheet
118Kb / 1P
Resettable pliers for both internal and external circlips, 2928
More results

Descripción similar - 2928

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD206 AD-AD206_15 Datasheet
3Mb / 13P
100 KHZ BANDWIDTH
logo
KR Electronics, Inc.
2922 KR-2922 Datasheet
51Kb / 3P
114 MHz Cuttoff Frequency
2912 KR-2912 Datasheet
43Kb / 2P
45 MHz Cuttoff Frequency
2929 KR-2929 Datasheet
47Kb / 2P
1 MHz Cuttoff Frquency
2928-1 KR-2928-1 Datasheet
46Kb / 2P
100 KHz Cuttoff Frquency
2391A-6-50 KR-2391A-6-50 Datasheet
35Kb / 2P
6 MHz Cuttoff Frquency
2391A-16-50 KR-2391A-16-50 Datasheet
35Kb / 2P
16 MHz Cuttoff Frquency
2391B-9-50 KR-2391B-9-50 Datasheet
45Kb / 2P
9 MHz Cuttoff Frquency
2391B-18-50 KR-2391B-18-50 Datasheet
47Kb / 2P
18 MHz Cuttoff Frquency
2923-SMA KR-2923-SMA Datasheet
98Kb / 3P
110 MHz Cuttoff Frequency
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com