Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2932 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2932
Descripción Electrónicos  210 MHz Center Frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2932 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2932 Datasheet HTML 1Page - KR Electronics, Inc. 2932 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
2932, 210 MHz Constant Delay Bandpass, Rev 0, July 17, 2009
CH2
S31
LOG
1 dB/
REF 0 dB
C
CH4
S31
DEL
1 ns/
REF 6.2 ns
CENTER
210 . 000
000
MHz
SPAN
100 . 000
000
MHz
C
Smo
17 Jul 2009 15:03:56
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
START
. 010
000
MHz
STOP
1 000 . 000
000
MHz
Cor
17 Jul 2009 15:09:22
KR Electronics
KR 2932 is a 210 MHz constant delay bandpass filter. Other
bandwidths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 210 MHz Center Frequency
 100 MHz Bandwidth
 Constant Group Delay
 SMA Connectors also available in
surface mount package
 50  Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div & 1 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 2932

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2932-S KR-2932-S Datasheet
93Kb / 2P
210 MHz Center Frequency
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A Datasheet
502Kb / 2P
12-Port DS3/E3/STS-1 Electrical Integrated Line
29320-BRF-001-A MA-COM-29320-BRF-001-A_15 Datasheet
502Kb / 2P
Single Chip Solution
logo
Cornell Dubilier Electr...
293200B101JO0 CDE-293200B101JO0 Datasheet
3Mb / 11P
Cylindrical Case, High-Current and High-Voltage Circuits
293200B102JO0 CDE-293200B102JO0 Datasheet
3Mb / 11P
Cylindrical Case, High-Current and High-Voltage Circuits
More results

Descripción similar - 2932

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
2932-S KR-2932-S Datasheet
93Kb / 2P
210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
3 MHz Center Frequency
2951 KR-2951 Datasheet
45Kb / 3P
210 MHz Center Frequency
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com