Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2874 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2874
Descripción Electrónicos  350 MHz Center Frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2874 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2874 Datasheet HTML 1Page - KR Electronics, Inc. 2874 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH2
S31
LOG
.5 dB/
REF 0 dB
Cor
CH4
S31
DEL
2 ns/
REF 10 ns
CENTER
350 . 000
000
MHz
SPAN
50 . 000
000
MHz
Cor
Smo
12 Dec 2008 10:24:49
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
START
100 . 000
000
MHz
STOP
1 000 . 000
000
MHz
12 Dec 2008 10:28:27
KR Electronics
KR 2874+ is a 350 MHz bandpass filter. The filter has a mini-
mum 0.75 dB bandwidth of 50 MHz. Other passband frequencies
are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 350 MHz Center Frequency
 50 MHz minimum 0.75 dB Bandwidth
 Sharp Transition to the Stopband
 Surface Mount
 50  Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(0.5 dB/div and 2 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 2874

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Heyco.
2874 HEYCO-2874 Datasheet
128Kb / 1P
Open/Closed Bushings
logo
Adafruit Industries
2874 ADAFRUIT-2874 Datasheet
88Kb / 2P
NeoPixel 1/4 60 Ring - 5050 RGBW LED w/ Integrated Drivers - Natural White - ~4500K
logo
KR Electronics, Inc.
2874-SMA KR-2874-SMA Datasheet
50Kb / 2P
350 MHz Center Frequency
logo
Weidmuller
2874730000 WEIDMULLER-2874730000 Datasheet
602Kb / 6P
BLF 5.08HC/12/180LH SN DKGY BX PRT
More results

Descripción similar - 2874

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
2874-SMA KR-2874-SMA Datasheet
50Kb / 2P
350 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
3 MHz Center Frequency
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com