Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2882 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2882
Descripción Electrónicos  60 MHz Center Frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2882 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2882 Datasheet HTML 1Page - KR Electronics, Inc. 2882 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH2
S31
LOG
1 dB/
REF 0 dB
CENTER
60 . 000
000
MHz
SPAN
20 . 000
000
MHz
Cor
CH4
S31
DEL
10 ns/
REF 0 s
Cor
Smo
29 Dec 2008 17:53:44
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
CENTER
60 . 000
000
MHz
SPAN
119 . 980
000
MHz
Cor
29 Dec 2008 17:54:25
KR Electronics, Inc.
KR 2882 is a 60 MHz bandpass filter. The filter has a minimum
1 dB bandwidth of 20 MHz. Other passband frequencies are
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 60 MHz Center Frequency
 20 MHz minimum 1 dB Bandwidth
 30 MHz Typical 1 dB Bandwidth
 Sharp Transition to the Stopband
 Surface Mount
 50  Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 2882

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pomona Electronics
2882 POMONA-2882 Datasheet
22Kb / 1P
BNC (Male) To Stacking Pin Tip Plugs
logo
Heyco.
2882 HEYCO-2882 Datasheet
128Kb / 1P
Open/Closed Bushings
logo
Multicomp Pro
2882 MULTICOMP-2882 Datasheet
114Kb / 1P
Round Aluminum Through Hole Spacer
01/08/12 V1.0
logo
Pomona Electronics
2882-C-60 POMONA-2882-C-60 Datasheet
22Kb / 1P
BNC (Male) To Stacking Pin Tip Plugs
logo
Vishay Siliconix
28821E3 VISHAY-28821E3 Datasheet
136Kb / 7P
Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
14-Oct-16
More results

Descripción similar - 2882

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2807-1 KR-2807-1 Datasheet
53Kb / 3P
60 MHz Center Frequency
2926 KR-2926 Datasheet
102Kb / 3P
60 MHz Center Frequency
2941-1 KR-2941-1 Datasheet
53Kb / 3P
60 MHz Center Frequency
2941-2 KR-2941-2 Datasheet
53Kb / 3P
60 MHz Center Frequency
2946-6 KR-2946-6 Datasheet
53Kb / 3P
60 MHz Center Frequency
2959 KR-2959 Datasheet
71Kb / 3P
60 MHz Center Frequency
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com