Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2925 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2925
Descripción Electrónicos  70 MHz Center Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2925 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2925 Datasheet HTML 1Page - KR Electronics, Inc. 2925 Datasheet HTML 2Page - KR Electronics, Inc. 2925 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2009, KR Electronics, Inc.
2925+, Rev 0, July 8, 2009
KR Electronics
KR Electronics part number 2925+ is a 70 MHz elliptic type
bandpass filter. The filter is group delay and amplitude equalized
with a minimum 1 dB bandwidth of 15 MHz. Other center fre-
quencies and bandwidths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 70 MHz Center Frequency
 15 MHz min 1 dB Bandwidth
 Group Delay Equalized for Linear
Phase
 50  Source and Load
 Surface Mount
 Also available with SMA connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div)


Número de pieza similar - 2925

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Emcore Corporation
2925 EMCORE-2925 Datasheet
67Kb / 2P
Dense Wave Division Multiplexing (DWDM)
logo
KR Electronics, Inc.
2925+ KR-2925+ Datasheet
101Kb / 3P
70 MHz Center Frequency
2925-SMA KR-2925-SMA Datasheet
106Kb / 3P
70 MHz Bandpass Filter
logo
PHOENIX CONTACT
2925002 PHOENIX-2925002 Datasheet
44Kb / 2P
Plug - MACX MCR-EX-CJC
2925002 PHOENIX-2925002 Datasheet
785Kb / 40P
MACX MCR-EX-T-UI-UP
More results

Descripción similar - 2925

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2924 KR-2924 Datasheet
102Kb / 3P
70 MHz Center Frequency
2871-SMA KR-2871-SMA Datasheet
49Kb / 2P
70 MHz Center Frequency
2866-SMA KR-2866-SMA Datasheet
37Kb / 2P
70 MHz Center Frequency
2657-N KR-2657-N Datasheet
40Kb / 2P
70 MHz Center Frequency
2972 KR-2972 Datasheet
53Kb / 3P
70 MHz Center Frequency
2993 KR-2993 Datasheet
66Kb / 3P
70 MHz Center Frequency
2997 KR-2997 Datasheet
75Kb / 3P
70 MHz Center Frequency
3011 KR-3011 Datasheet
62Kb / 3P
70 MHz Center Frequency
2924+ KR-2924+ Datasheet
102Kb / 3P
70 MHz Center Frequency
2925+ KR-2925+ Datasheet
101Kb / 3P
70 MHz Center Frequency
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com