Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2910 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2910
Descripción Electrónicos  875 MHz Center Frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2910 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2910 Datasheet HTML 1Page - KR Electronics, Inc. 2910 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
2910, 875 MHz Bandpass, Rev 0, April 18, 2009
CH2
S31
LOG
1 dB/
REF -2 dB
CENTER
875 . 000
000
MHz
SPAN
50 . 000
000
MHz
Cor
CH4
S31
DEL
10 ns/
REF 10 ns
Cor
Smo
18 Apr 2009 11:43:59
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
CENTER
875 . 000
000
MHz
SPAN
1 000 . 000
000
MHz
Cor
18 Apr 2009 11:47:14
KR Electronics
KR 2910 is a 875 MHz bandpass filter. The filter is a pseudo
elliptic type for sharp stopband transition. The filter is Other cen-
ter frequencies and bandwidths are available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
 875 MHz Center Frequency
 42 MHz min 3 dB Bandwidth
 Sharp Elliptic Type Response
 Surface Mount Package
 50  Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div)


Número de pieza similar - 2910

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
2910 ETC1-2910 Datasheet
399Kb / 6P
10 MHz BIPOLAR LOGARITHMIC AMPLIFIER
logo
Adafruit Industries
2910 ADAFRUIT-2910 Datasheet
253Kb / 3P
Tiny OTG Adapter - USB Micro to USB
2/19/2016
logo
PHOENIX CONTACT
2910105 PHOENIX-2910105 Datasheet
815Kb / 28P
UNO2-PS/1AC/24DC/480W
2020-02-14
2910121 PHOENIX-2910121 Datasheet
876Kb / 49P
QUINT4-PS/24DC/24DC/20/PT
2020-10-23
2910124 PHOENIX-2910124 Datasheet
611Kb / 22P
DC/DC converters - QUINT4-PS/12DC/24DC/5/PT
Nov 16, 2022
More results

Descripción similar - 2910

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
3 MHz Center Frequency
2574-SMA KR-2574-SMA Datasheet
59Kb / 2P
20 MHz Center Frequency
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com