| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F2138CSNFP Datasheet(PDF) 43 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2138CSNFP Datasheet(HTML) 43 Page - Renesas Technology Corp |
|
43 / 63 page ![]() R8C/38T-A Group 4. Electrical Characteristics R01DS0081EJ0100 Rev.1.00 Page 43 of 60 Dec 09, 2011 Notes: 1. Select the voltage detection level with bits VD1S0 to VD1S3 in the VD1LS register. 2. Time until the voltage monitor 1 interrupt request is generated after the voltage passes Vdet1. 3. Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA26 bit in the VCA2 register to 0. Notes: 1. Time until the voltage monitor 2 interrupt request is generated after the voltage passes Vdet2. 2. Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA26 bit in the VCA2 register to 0. Table 4.8 Voltage Detection 1 Circuit Characteristics (Measurement conditions: Vcc = 1.8 V to 5.5 V, Topr = 20°C to 85°C (N version)/ 40°C to 85°C (D version)) Symbol Parameter Conditions Standard Unit Min. Typ. Max. Vdet1 Voltage detection level Vdet1_0 (1) When Vcc falls 2.00 2.20 2.40 V Voltage detection level Vdet1_1 (1) When Vcc falls 2.15 2.35 2.55 V Voltage detection level Vdet1_2 (1) When Vcc falls 2.30 2.50 2.70 V Voltage detection level Vdet1_3 (1) When Vcc falls 2.45 2.65 2.85 V Voltage detection level Vdet1_4 (1) When Vcc falls 2.60 2.80 3.00 V Voltage detection level Vdet1_5 (1) When Vcc falls 2.75 2.95 3.15 V Voltage detection level Vdet1_6 (1) When Vcc falls 2.80 3.10 3.40 V Voltage detection level Vdet1_7 (1) When Vcc falls 2.95 3.25 3.55 V Voltage detection level Vdet1_8 (1) When Vcc falls 3.10 3.40 3.70 V Voltage detection level Vdet1_9 (1) When Vcc falls 3.25 3.55 3.85 V Voltage detection level Vdet1_A (1) When Vcc falls 3.40 3.70 4.00 V Voltage detection level Vdet1_B (1) When Vcc falls 3.55 3.85 4.15 V Voltage detection level Vdet1_C (1) When Vcc falls 3.70 4.00 4.30 V Voltage detection level Vdet1_D (1) When Vcc falls 3.85 4.15 4.45 V Voltage detection level Vdet1_E (1) When Vcc falls 4.00 4.30 4.60 V Voltage detection level Vdet1_F (1) When Vcc falls 4.15 4.45 4.75 V ― Hysteresis width at the rising of Vcc in voltage detection 1 circuit Vdet1_0 to Vdet1_5 selected ― 0.07 ― V Vdet1_6 to Vdet1_F selected ― 0.10 ― V ― Voltage detection 1 circuit response time (2) At the falling of Vcc from 5 V to (Vdet1 0.1) V ― 60 150 μs ― Voltage detection circuit self power consumption VCA26 = 1, Vcc = 5.0 V ― 1.7 ―μA td(E-A) Waiting time until voltage detection circuit operation starts (3) ―― 100 μs Table 4.9 Voltage Detection 2 Circuit Characteristics (Measurement conditions: Vcc = 1.8 V to 5.5 V, Topr = 20°C to 85°C (N version)/ 40°C to 85°C (D version)) Symbol Parameter Conditions Standard Unit Min. Typ. Max. Vdet2 Voltage detection level Vdet2_0 When Vcc falls 3.70 4.00 4.30 V ― Hysteresis width at the rising of Vcc in voltage detection 2 circuit ― 0.1 ―μs ― Voltage detection 2 circuit response time (1) At the falling of Vcc from 5 V to (Vdet2_0 0.1) V ― 20 150 μs ― Voltage detection circuit self power consumption VCA27 = 1, Vcc = 5.0 V ― 1.7 ―μA td(E-A) Waiting time until voltage detection circuit operation starts (2) ―― 100 μs |