Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCR8CM-12LB Datasheet(PDF) 5 Page - Renesas Technology Corp

No. de pieza BCR8CM-12LB
Descripción Electrónicos  600V - 8A - Triac Medium Power Use
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR8CM-12LB Datasheet(HTML) 5 Page - Renesas Technology Corp

  BCR8CM-12LB_15 Datasheet HTML 1Page - Renesas Technology Corp BCR8CM-12LB_15 Datasheet HTML 2Page - Renesas Technology Corp BCR8CM-12LB_15 Datasheet HTML 3Page - Renesas Technology Corp BCR8CM-12LB_15 Datasheet HTML 4Page - Renesas Technology Corp BCR8CM-12LB_15 Datasheet HTML 5Page - Renesas Technology Corp BCR8CM-12LB_15 Datasheet HTML 6Page - Renesas Technology Corp BCR8CM-12LB_15 Datasheet HTML 7Page - Renesas Technology Corp BCR8CM-12LB_15 Datasheet HTML 8Page - Renesas Technology Corp BCR8CM-12LB_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BCR8CM-12LB
Preliminary
R07DS1028EJ0400 Rev.4.00
Page 5 of 8
Feb 25, 2013
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
Latching Current vs.
Junction Temperature
Junction Temperature (°C)
0 20406080 100120140 160
160
0
80
60
40
20
100
120
140
60
20
40
103
7
5
3
2
7
5
3
2
7
5
3
2
102
101
100
160
040
80
120
40
160
0
23
101
57 102 23 5 7 103 23 5 7 104
80
60
40
20
100
120
140
100
23
5 7 101
10
101
0
0
7
2
3
5
7
2
3
5
7
23
5 7 102
100
23
5 7 101
10
101
7
2
3
5
7
2
3
5
7
23
5 7 102
160
0
23
101
57 102 23 5 7 103 23 5 7 104
80
60
40
20
100
120
140
Rate of Rise of Off-State Voltage (V/
μs)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage (Tj=150°C)
Commutation Characteristics (Tj=150°C)
Rate of Decay of On-State
Commutating Current (A/ms)
Rate of Rise of Off-State Voltage (V/
μs)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage (Tj=125°C)
Commutation Characteristics (Tj=125°C)
Rate of Decay of On-State
Commutating Current (A/ms)
T2+, G+
T2–, G–
Typical Example
T2+, G–
Typical Example
Distribution
Typical Example
III Quadrant
I Quadrant
Typical Example
Tj = 125°C
Typical Example
Tj = 150°C
III Quadrant
I Quadrant
Typical Example
Tj = 125°C
IT = 4A
τ = 500μs
VD = 200V
f = 3Hz
Main Voltage
Main Current
IT
(di/dt)c
τ
VD
Time
Time
(dv/dt)c
Minimum
Characteristics
Value
I Quadrant
III Quadrant
Main Voltage
Main Current
IT
(di/dt)c
τ
VD
Time
Time
(dv/dt)c
Typical Example
Tj = 150°C
IT = 4A
τ = 500μs
VD = 200V
f = 3Hz
III Quadrant
I Quadrant
Minimum
Characteristics
Value



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com