Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FSVPLC Datasheet(PDF) 2 Page - Cynergy3 Co

No. de pieza FSVPLC
Descripción Electrónicos  Inline Flow Switch for connection to PLC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYNERGY3 [Cynergy3 Co]
Página de inicio  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

FSVPLC Datasheet(HTML) 2 Page - Cynergy3 Co

  FSVPLC Datasheet HTML 1Page - Cynergy3 Co FSVPLC Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Flow
Direction
Installation information
The flow switch must be mounted vertically with the flow
direction upwards. Pipe connection is G1” (1”BSP). The
device relies on the flow of liquid working in opposition to
gravity to operate the switch.
The liquid flow moves a plunger inside the brass flow tube,
when the flow increases beyond the minimum specified level.
A magnet inside the plunger opens a magnetic switch in the
control circuit to the PLC.
The output will close, if the flow drops below the specified
level and the plunger has returned to the lower position
The output switch will open if the test button is pushed.
The output is a SPNC (when there is no flow) switch with
contacts rated to 1mA/5Vac.
FSVPLC
www.cynergy3.com
© 2012 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
Inline Flow Switch for connection to PLC



Html Pages

1 2