Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HS-370 Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

No. de pieza HS-370
Descripción Electrónicos  Insulated standoffs to enhance board cleaning are standard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEL [Nel Frequency Controls,inc]
Página de inicio  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

HS-370 Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  HS-370_10 Datasheet HTML 1Page - Nel Frequency Controls,inc HS-370_10 Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
CMOS
HS-370 Series
Description
The HS-370 Series of quartz crystal oscillators are resistance welded in an all metal package, offering RFI
shielding, and are designed to survive standard wave soldering operations without damage. Insulated
standoffs to enhance board cleaning are standard.
Features
• Wide frequency range–3.0MHz to 100.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• All metal, resistance weld, hermetically sealed
package
• Low Jitter
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Gold plated leads - Solder dipped leads available
upon request
• RoHS Compliant, Lead Free Constructions
(unless solder dipped leads are supplied)
• COTS/Dual use
Electrical Connection
Pin
Connection
1
N.C.
7
Grd & Case
8
Output
14
V
DD
CRYSTAL CLOCK OSCILLATORS
Data Sheet 9420A
Rev. P


Número de pieza similar - HS-370_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nel Frequency Controls,...
HS-370 NEL-HS-370 Datasheet
257Kb / 2P
CMOS
More results

Descripción similar - HS-370_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PARA LIGHT ELECTRONICS ...
EP501W2L001WL PARALIGHT-EP501W2L001WL Datasheet
178Kb / 13P
Enhance Power LED
EP503WYL095WHR PARALIGHT-EP503WYL095WHR Datasheet
200Kb / 13P
Enhance Power LED
logo
Nel Frequency Controls,...
HA-370 NEL-HA-370_10 Datasheet
61Kb / 2P
Insulated standoffs to enhance board cleaning are standard
HA-1420 NEL-HA-1420 Datasheet
113Kb / 2P
Insulated standoffs to enhance board cleaning are standard
HA-1520 NEL-HA-1520_10 Datasheet
61Kb / 2P
Insulated standoffs to enhance board cleaning are standard
HA-A370 NEL-HA-A370 Datasheet
61Kb / 2P
Insulated standoffs to enhance board cleaning are standard
HS-A370 NEL-HS-A370_10 Datasheet
58Kb / 2P
Insulated standoffs to enhance board cleaning are standard. Low voltage operation (3.3V)
logo
PHOENIX CONTACT
1044350 PHOENIX-1044350 Datasheet
51Kb / 2P
Cleaning cartridge - BM ID-CLEANING CARTR
09/12/2020
5146697 PHOENIX-5146697 Datasheet
47Kb / 2P
Cleaning pen - CLEANING STICK
09/12/2020
logo
Quelighting Corp
QLSP19WXH-314 QUELIGHTING-QLSP19WXH-314 Datasheet
1Mb / 15P
These 0.5W LEDs are equipped with heat sink to enhance operating performance.
1.0 08-25-2021
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com