Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4047 Datasheet(PDF) 13 Page - Intersil Corporation

No. de pieza CD4047
Descripción Electrónicos  CMOS Low-Power Monostable/Astable Multivibrator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4047 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button CD4047 Datasheet HTML 7Page - Intersil Corporation CD4047 Datasheet HTML 8Page - Intersil Corporation CD4047 Datasheet HTML 9Page - Intersil Corporation CD4047 Datasheet HTML 10Page - Intersil Corporation CD4047 Datasheet HTML 11Page - Intersil Corporation CD4047 Datasheet HTML 12Page - Intersil Corporation CD4047 Datasheet HTML 13Page - Intersil Corporation CD4047 Datasheet HTML 14Page - Intersil Corporation CD4047 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
7-909
CD4047BMS
FIGURE 28. TYPICAL POWER DISSIPATION vs OUTPUT FREQUENCY (VDD = 15V)
Typical Performance Characteristics (Continued)
ASTABLE MODE
SUPPLY VOLTAGE (VDD) = 15V
105
104
103
102
10-1
100
101
102
103
104
105
106
Q OR Q FREQUENCY (F) (Hz)
C = 0.1
µF
C = 0.01
µF
C =1000pF
C =100pF
C =10pF
Astable Mode Design Information
Unit-to-Unit Transfer Voltage Variations
The following analysis presents variations from unit to unit as
a function of transfer voltage (VTR) shift (33%-67% VDD) for
free running (astable) operation.
FIGURE 29. ASTABLE MODE WAVEFORMS
thus if
is used, the variation will be +5%, -0%
due to variations in transfer voltage.
Variations Due to VDD and Temperature Changes
In addition to variations from unit to unit, the astable period
varies with VDD and temperature, Typical variations are pre-
sented in graphical form in Figures 11 to 18 with 10V as ref-
erence for voltage variations curves and +25oC as reference
for temperature variations curves.
t1 = -RC In
VTR
;
VDD + VTR
typically, t1 = 1.1RC
t2 = -RC In
VDD - VTR
;
2VDD - VTR
typically, t2 = 1.1RC
tA = 2(t1 + t2)
= -2RC In
(VTR)(VDD - VTR)
(VDD + VTR)(2VDD - VTR)
Typ:
Min:
Max:
VTR = 0.5VDD
VTR = 0.33VDD
VTR = 0.67VDD
tA = 4.40RC
tA = 4.62RC
tA = 4.62RC
t1
t2
t1
t2
tA/2
tA/2
tA
TERMINAL 13
TERMINAL 10
tA = 4.40RC
Monostable Mode Design Information
The following analysis presents variations from unit to unit as a
function of transfer voltage (VTR) shift (33% - 67% VDD) for
one shot (monostable) operation.
FIGURE 30. MONOSTABLE WAVEFORMS
thus if
is used, the variation will be +9.3%,
-0% due to variations in transfer voltage.
NOTES:
1. In the astable mode, the first positive half cycle has a duration of
tM; succeeding durations are tA/s.
2. In addition to variations from unit to unit, the monostable pulse
width varies with VDD and temperature. These variations are
presented in graphical form in Figures 19 to 26 with 10V as ref-
erence for voltage variation curves and +25oC as reference for
temperature variation curves.
t1´ = -RC In
VTR
;
2VDD
typically, t1´ = 1.38RC
tM = (t1´ + t2)
tM = -RC In
(VTR)(VDD - VTR)
(2VDD - VTR)(2VDD)
where tM = Monostable mode pulse width.
Values for tM are as follows:
Typ:
Min:
Max:
VTR = 0.5VDD
VTR = 0.33VDD
VTR = 0.67VDD
tM = 2.48RC
tM = 2.71RC
tM = 2.48RC
t1´
t2
t1´
t2
tM
tM
TERMINAL 13
TERMINAL 10
TERMINAL 8
tM = 2.48RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com