Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LCX07YMTR Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza 74LCX07YMTR
Descripción Electrónicos  Low-voltage CMOS hex buffer (open drain)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX07YMTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button 74LCX07YMTR Datasheet HTML 8Page - STMicroelectronics 74LCX07YMTR Datasheet HTML 9Page - STMicroelectronics 74LCX07YMTR Datasheet HTML 10Page - STMicroelectronics 74LCX07YMTR Datasheet HTML 11Page - STMicroelectronics 74LCX07YMTR Datasheet HTML 12Page - STMicroelectronics 74LCX07YMTR Datasheet HTML 13Page - STMicroelectronics 74LCX07YMTR Datasheet HTML 14Page - STMicroelectronics 74LCX07YMTR Datasheet HTML 15Page - STMicroelectronics 74LCX07YMTR Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
74LCX07
Package information
Doc ID 6818 Rev 8
13/16
Figure 8.
Tape and reel SO-14 outline
Drawing is not in scale.
Table 13.
Tape and reel SO-14 mechanical data
Symbol
Dimensions
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.4
6.6
0.252
0.260
Bo
9
9.2
0.354
0.362
Ko
2.1
2.3
0.082
0.090
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16